PART |
Description |
Maker |
ICE2A0XXX Q67040-S4542 Q67040-S4546 Q67040-S4541 Q |
High Speed CMOS Logic Hex Non-Inverting Buffers 16-SOIC -55 to 125 High Speed CMOS Logic Hex Non-Inverting Buffers 16-PDIP -55 to 125 High Speed CMOS Logic Hex Inverting Buffers 16-SO -55 to 125 High Speed CMOS Logic Hex Non-Inverting Buffers 16-SO -55 to 125 Off-Line SMPS Current Mode Controller with integrated 650V/ 800V CoolMOS 离线式开关电源电流模式控制器,集成了650V / 800V的的CoolMOS
|
Infineon Technologies AG
|
74HC4049PW |
Hex inverting HIGH-to-LOW level shifter
|
NXP Semiconductors
|
74HC4050-15 |
Hex non-inverting HIGH-to-LOW level shifter
|
NXP Semiconductors
|
MM74C901 MM74C901M MM74C901N MM74C902M MM74C902N M |
Linear Motion Control; Series:LCP12; Track Resistance:5kohm; Resistance Tolerance: /-20%; Power Rating:0.7W; Resistor Element Material:Conductive Hex Inverting TTL Buffer . Hex Non-Inverting TTL Buffer Hex Inverting TTL Buffer • From old datasheet system
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
U74HC14 U74HC14L-D14-T U74HC14-D14-T U74HC14L-S14- |
HIGH-SPEED CMOS LOGIC HEX INVERTING SCHMITT TRIGGER
|
友顺科技股份有限公司 UTC[Unisonic Technologies]
|
M74HC245 M74HC245B1R M74HC245C1R M74HC245F1R M74HC |
HC640 INVERTING, HC643 INVERTING/NON INVERTING OCTAL BUS TRANSCEIVER (3-STATE): HC245 NON INVERTING OCTAL BUS TRANSCEIVER (3-STATE): HC245 NON INVERTING HC640 INVERTING, HC643 INVERTING/NON INVERTING OCTAL BUS TRANSCEIVER 3-STATE: HC245 NON INVERTING HC640 INVERTING/ HC643 INVERTING/NON INVERTING OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTED) OCTAL BUS TRANSCEIVER 3-STATE: HC245 NON INVERTING HC640 INVERTING, HC643 INVERTING/NON INVERTING 八路总线收发种状态:HC245非反相HC640反转,HC643反向/非反 Low-Power Stereo CODEC with 10 Inputs, 7 Outputs, HP Amplifier and Enhanced Digital Effects 80-BGA MICROSTAR JUNIOR -40 to 85
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] ST Microelectronics STMicroelectronics N.V.
|
74AHC14 74AHCT14 74AHCT14D 74AHCT14PW 74AHCT14PWDH |
8-Bit LVTTL-to-GTLP Bus Transceiver 24-SOIC -40 to 85 Hex inverting Schmitt trigger AHCT/VHCT SERIES, HEX 1-INPUT INVERT GATE, PDSO14
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
BC857W BC856W |
PNP general purpose transistors High Speed CMOS Logic Hex Buffer/Line Driver with Non-Inverting 3-State Outputs 16-PDIP -55 to 125
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
MAX775 MAX775CPA MAX775CSA MAX775EPA MAX775ESA MAX |
-5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-DC Controllers SWITCHING CONTROLLER, 300 kHz SWITCHING FREQ-MAX, PDIP8 -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-DC Controllers SWITCHING CONTROLLER, 300 kHz SWITCHING FREQ-MAX, UUC9 Quadruple 2-Input Positive-AND Gates 14-CDIP -55 to 125 -5V/-12V/-15V or Adjustable, High-Efficiency, Low I Q Inverting DC-DC Controllers
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products]
|